Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC373L-R20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC373L-R20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC373L-R20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC373L-R20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC373L-R20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC373L-R20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC373L-R20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC373L-R20-R Datasheet HTML 5Page - Unisonic Technologies U74AHC373L-R20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AHC373
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-669.B
SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From D to Q
tPLH/tPHL
VCC=3.3V±0.3V, CL=15pF
7.3
11.4
ns
VCC=3.3V±0.3V, CL=50pF
9.8
14.9
VCC=5V±0.5V, CL=15pF
5
7.2
VCC=5V±0.5V, CL=50pF
6.5
9.2
From LE to Q
VCC=3.3V±0.3V, CL=15pF
7
11
VCC=3.3V±0.3V, CL=50pF
9.5
14.5
VCC=5V±0.5V, CL=15pF
4.9
7.2
VCC=5V±0.5V, CL=50pF
6.4
9.2
From OE to Q
tPZL/tPZH
VCC=3.3V±0.3V, CL=15pF
7.3
11.4
ns
VCC=3.3V±0.3V, CL=50pF
9.8
14.9
VCC=5V±0.5V, CL=15pF
5.5
8.1
VCC=5V±0.5V, CL=50pF
7
10.1
From OE to Q
tPLZ/tPHZ
VCC=3.3V±0.3V, CL=15pF
7
10
ns
VCC=3.3V±0.3V, CL=50pF
9.5
13.2
VCC=5V±0.5V, CL=15pF
5
7.2
VCC=5V±0.5V, CL=50pF
6.5
9.2
Pulse Width, LE high
tW
VCC=3.3V±0.3V
5
ns
VCC=5V±0.5V
5
Setup Time, data before LE↓
tSU
VCC=3.3V±0.3V
4
ns
VCC=5V±0.5V
4
Hold Time, data after LE↓
tH
VCC=3.3V±0.3V
1
ns
VCC=5V±0.5V
1
OPERATING CHARACTERISTICS(TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz
18
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com