Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC374G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC374G-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC374G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC374G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC374G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC374G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC374G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC374G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HC374G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AHC374
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-647.A
SWITCHING CHARACTERISTICS (See TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL =15pF
8.1
12.7
VCC = 3.3V ± 0.3V
CL =50pF
10.6
16.2
CL =15pF
5.4
8.1
From CLK to Q
tPLH/tPHL
VCC = 5V ± 0.5V
CL =50pF
6.9
10.1
ns
CL =15pF
7.1
11
VCC = 3.3V ± 0.3V
CL =50pF
9.6
14.5
CL =15pF
5.1
7.6
From OE to Q
tPZL/tPZH
VCC = 5V ± 0.5V
CL =50pF
6.6
9.6
ns
CL =15pF
7.5
10.5
VCC = 3.3V ± 0.3V
CL =50pF
10.2
14
CL =15pF
4.6
6.8
From OE to Q
tPLZ/tPHZ
VCC = 5V ± 0.5V
CL =50pF
6.1
8.8
ns
CL =15pF
80
130
VCC = 3.3V ± 0.3V
CL =50pF
55
85
CL =15pF
130
185
Maximum Clock Frequency
fMAX
VCC = 5V ± 0.5V
CL =50pF
85
120
MHz
VCC = 3.3 V ± 0.3 V
5
Pulse Width
tW
VCC = 5 V ± 0.5 V
5
ns
VCC = 3.3 V ± 0.3 V
4.5
Setup Time
tSU
VCC = 5 V ± 0.5 V
3
ns
VCC = 3.3 V ± 0.3 V
2
Hold Time
tH
VCC = 5 V ± 0.5 V
2
ns
OPERATING CHARACTERISTICS(TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No load, VCC = 5 V, f=1MHz
32
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com