Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC373L-S20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74AHC373L-S20-R
Description  OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC373L-S20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74AHC373L-S20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC373L-S20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC373L-S20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC373L-S20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC373L-S20-R Datasheet HTML 5Page - Unisonic Technologies U74AHC373L-S20-R Datasheet HTML 6Page - Unisonic Technologies U74AHC373L-S20-R Datasheet HTML 7Page - Unisonic Technologies U74AHC373L-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
U74AHC377
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-A48.A
PIN CONFIGURATION
PIN DESCRIPTION
SYMBOL
PIN
DESCRIPTION
EN
1
Data Enable Input (Active low)
1Q
2
Flip-flop Output
1D
3
Data Input
2D
4
Data Input
2Q
5
Flip-flop Output
3Q
6
Flip-flop Output
3D
7
Data Input
4D
8
Data Input
4Q
9
Flip-flop Output
GND
10
Ground (0V)
CLK
11
Clock Input (Low-to-High, Edge Triggered)
5Q
12
Flip-flop Output
5D
13
Data Input
6D
14
Data Input
6Q
15
Flip-Flop Output
7D
16
Flip-Flop Output
7Q
17
Data Input
8D
18
Data Input
8Q
19
Flip-Flop Output
VCC
20
Supply Voltage
FUNCTION TABLE
INPUTS
OUTPUT Q
EN
CLK
D
H
X
X
Q0
L
↑
H
H
L
↑
L
L
X
L
X
Q0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com