Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC595L-R16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC595L-R16-T
Description  8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC595L-R16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC595L-R16-T Datasheet HTML 1Page - Unisonic Technologies U74AHC595L-R16-T Datasheet HTML 2Page - Unisonic Technologies U74AHC595L-R16-T Datasheet HTML 3Page - Unisonic Technologies U74AHC595L-R16-T Datasheet HTML 4Page - Unisonic Technologies U74AHC595L-R16-T Datasheet HTML 5Page - Unisonic Technologies U74AHC595L-R16-T Datasheet HTML 6Page - Unisonic Technologies U74AHC595L-R16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC595
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-997.B
8-BIT SHIFT REGISTER WITH
3-STATE OUTPUT REGISTERS
DESCRIPTION
The UTC 74AHC595 contains an 8-bit serial-in, parallel-out shift
register that feeds an 8-bit D-type storage register. The storage
register has parallel 3-state outputs. Separate clocks are provided
for both the shift and storage registers. The shift register has a direct
overriding clear ( SRCLR ) input, serial (SER) input, and a serial
output for cascading. When the output-enable ( OE ) input is high, all
outputs, except QH’, are in the high-impedance state.
Both the shift-register clock (SRCLK) and storage-register clock
(RCLK) are positive-edge triggered. If both clocks are connected
together the shift register always is one clock pulse ahead of the
storage register.
FEATURES
* Operation Voltage Range: 2~5.5V
* 8-bit Serial-In, Parallel-Out Shift
* Shift Register Has Direct Clear
SOP-16
SSOP-16(150mil)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC595L-S16-T
U74 AHC595G-S16-T
SOP-16
Tube
U74 AHC595L-S16-R
U74 AHC595G-S16-R
SOP-16
Tape Reel
U74AHC595L-R16-T
U74 AHC595G-R16-T
SSOP-16
Tube
U74 AHC595L-R16-R
U74 AHC595G-R16-R
SSOP-16
Tape Reel


Similar Part No. - U74AHC595L-R16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC595G-P16-R UTC-U74AHC595G-P16-R Datasheet
263Kb / 7P
8-BIT SHIFT REGISTER
U74AHC595G-R16-R UTC-U74AHC595G-R16-R Datasheet
263Kb / 7P
8-BIT SHIFT REGISTER
U74AHC595G-S16-R UTC-U74AHC595G-S16-R Datasheet
263Kb / 7P
8-BIT SHIFT REGISTER
U74AHC595 UTC-U74AHC595_15 Datasheet
263Kb / 7P
8-BIT SHIFT REGISTER
More results

Similar Description - U74AHC595L-R16-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A_07 Datasheet
755Kb / 22P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV595A-EP TI1-SN74LV595A-EP Datasheet
588Kb / 17P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74LV595A-Q1 TI1-SN74LV595A-Q1 Datasheet
219Kb / 14P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74AHC595-Q1 TI1-SN74AHC595-Q1 Datasheet
210Kb / 11P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com