Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC595L-R16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74AHC595L-R16-R
Description  8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC595L-R16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AHC595L-R16-R Datasheet HTML 1Page - Unisonic Technologies U74AHC595L-R16-R Datasheet HTML 2Page - Unisonic Technologies U74AHC595L-R16-R Datasheet HTML 3Page - Unisonic Technologies U74AHC595L-R16-R Datasheet HTML 4Page - Unisonic Technologies U74AHC595L-R16-R Datasheet HTML 5Page - Unisonic Technologies U74AHC595L-R16-R Datasheet HTML 6Page - Unisonic Technologies U74AHC595L-R16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74AHC595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-997.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Voltage
VIN
-0.5~7.0
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Input Clamp Current (ViN<0)
IIK
-20
mA
Output Clamp Current (VOUT<0)
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±75
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are
observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
73
°С/W
SSOP-16
82
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Operating free-air temperature
TA
-40
125
°C
Input Transition Rise or Fall Rate
VCC =3.3±0.3V
∆t/∆v
100
ns/V
VCC =5±0.5V
20
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
HIGH-level input voltage
VIH
VCC=2V
1.5
V
VCC=3V
2.1
VCC=5.5V
3.85
LOW-lever output voltage
VIL
VCC=2V
0.5
V
VCC=3V
0.9
VCC=5.5V
1.65
High-Level Output Voltage
VOH
VCC=2V, IOH=-50μA
1.9
2
V
VCC=3V, IOH=-50μA
2.9
3
VCC=4.5V, IOH=-50μA
4.4
4.5
VCC=3V, IOH=-4mA
2.58
VCC=4.5V, IOH=-8mA
3.94
Low-Level Output Voltage
VOL
VCC=2V, IOL=50μA
0.1
V
VCC=3V, IOL=50μA
0.1
VCC=4.5V, IOL=50μA
0.1
VCC=3V, IOL=4mA
0.36
VCC=4.5V, IOH=8mA
0.36
Input Leakage Current
II
II=5.5V or GND, VCC=0 to 5.5V
±0.1
μA
Output Off-state Current
IOZ
VI=VCC or GND,VO=VCC or GND,
OE
=VIH or VIL, VCC=5.5V
±0.25
μA
Quiescent Supply Current
ICC
VI=GND or VCC, IO=0, Vcc=5.5V
4
μA
Input Capacitance
CI
VI=VCC or GND, VCC=5V
3
10
pF
Output Capacitance
COUT
VO=VCC or GND, VCC=5V
5.5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com