Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC595G-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74AHC595G-S16-R
Description  8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC595G-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74AHC595G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74AHC595G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74AHC595G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74AHC595G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74AHC595G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74AHC595G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74AHC595G-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U74AHC595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-997.B
DYNAMIC CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Maximum Clock Frequency
fmax
VCC=3.3±0.3V,CL=15pF
80
120
MHz
VCC=3.3±0.3V,CL=50pF
55
105
VCC=5±0.5V,CL=15pF
135
170
VCC=5±0.5V,CL=50pF
95
140
From RCLK to QA-QH
tPLH
VCC=3.3±0.3V,
CL=15pF
6
11.9
ns
CL=50pF
7.9
15.4
VCC=5±0.5V
CL=15pF
4.3
7.4
CL=50pF
5.6
9.4
tPHL
VCC=3.3±0.3V
CL=15pF
6
11.9
CL=50pF
7.9
15.4
VCC=5±0.5V
CL=15pF
4.3
7.4
CL=50pF
5.6
9.4
From SRCLK to QH'
tPLH
VCC=3.3±0.3V
CL=15pF
6.6
13
ns
CL=50pF
9.2
16.5
VCC=5±0.5V
CL=15pF
4.5
8.2
CL=50pF
6.4
10.2
tPHL
VCC=3.3±0.3V
CL=15pF
6.6
13
CL=50pF
9.2
16.5
VCC=5±0.5V
CL=15pF
4.5
8.2
CL=50pF
6.4
10.2
From SRCLR to QH'
tPHL
VCC=3.3±0.3V
CL=15pF
6.2
12.8
ns
CL=50pF
9
16.3
VCC=5±0.5V
CL=15pF
4.5
8
CL=50pF
6.4
10
From OE to QA-QH
tPZH
VCC=3.3±0.3V
CL=15pF
6
11.5
ns
CL=50pF
7.8
15
VCC=5±0.5V
CL=15pF
4.3
8.6
CL=50pF
5.7
10.6
tPZL
VCC=3.3±0.3V
CL=15pF
7.8
11.5
CL=50pF
9.6
15
VCC=5±0.5V
CL=15pF
5.4
8.6
CL=50pF
6.8
10.6
From OE to QA-QH
tPHZ
VCC=3.3±0.3V,CL=50pF
8.1
15.7
ns
VCC=5±0.5V,CL=50pF
3.5
10.3
tPLZ
VCC=3.3±0.3V,CL=50pF
9.3
15.7
VCC=5±0.5V,CL=50pF
3.4
10.3
OPERATING CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz
25.2
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com