Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT00G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT00G-S14-R
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT00G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT00G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT00G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT00G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT00G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT00
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-429.A
QUADRUPLE 2-INPUT
POSITIVE-NAND GATE
DESCRIPTION
The U74AHCT00 is a quadruple 2-input NAND gate which performs
the function
Y=A*B or
+
Y=A B .
FEATURES
* Low Power Dissipation: ICC = 2.0 μA (Max.)
* High Speed: tPD = 5ns (Typ.)
* High Noise Immunity
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHCT00G-S14-R
SOP-14
Tape Reel
SOP-14


Similar Part No. - U74AHCT00G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT00G-S14-R UTC-U74AHCT00G-S14-R Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - U74AHCT00G-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11000 TI-74AC11000 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_07 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
Quadruple 2-Input Positive-NAND Gate
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com