Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT1G02G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT1G02G-AF5-R
Description  2-INPUT NOR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G02G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT1G02G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G02G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G02G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G02G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHCT1G02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-135.D
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Continuous Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Times
tR ,tF
VCC=3.3V±0.3V
ns/V
VCC=5V±0.5V
20
Operating Temperature
TA
-40
25
125
℃
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=4.5V~5.5V
2.0
V
Low-Level Input Voltage
VIL
VCC=4.5V~5.5V
0.8
V
High-Level Output Voltage
VOH
VCC=4.5V, VIN=VIH or VIL, IOH=-50μA
4.4
4.5
V
VCC=4.5V, VIN=VIH or VIL, IOH=-8mA
3.94
Low-Level Output Voltage
VOL
VCC=4.5V, VIN=VIH or VIL, IOL=50μA
0
0.1
V
VCC=4.5V, VIN=VIH or VIL, IOL=8mA
0.36
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=VIH or VIL
±0.1
μA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND, IOUT=0
1
μA
Additional
Quiescent
Supply
Current
ΔIQ
VCC=5.5V, VIN = 3.4 V;
other inputs at VCC or GND, IOUT=0
1.35
mA
Input Capacitance
CIN
1.5
10
pF
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
SWITCHING CHARACTERISTICS (Input signal: PRR≤1MHZ, ZO=50Ω, tR≤3ns, tF≤3ns.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay Times
tPLH/ tPHL
VCC=4.5V~5.5V, CL =15 pF
3.5
5.5
ns
VCC=4.5V~5.5V, CL =50 pF
4.9
7.5
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com