Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT1G04G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT1G04G-AF5-R
Description  SINGLE INVERTER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G04G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT1G04G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G04G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G04G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G04G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT1G04G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AHCT1G04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-299.C
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~+7.0
V
Input Voltage (Note 2)
VIN
-0.5~+7.0
V
Output Voltage (Note 2)
VOUT
-0.5~VCC+0.5
V
VCC or GND Current
ICC
±50
mA
Output Current
IOUT
±25
mA
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Note: 1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
SOT-25
θJA
200
°C/W
SOT-353
250
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
High-level Input Voltage
VIH
2
V
Low-level Input Voltage
VIL
0.8
V
High-level Output Current
IOH
-8
mA
Low-level Output Current
IOL
8
mA
Input Transition Rise or Fall Rate
tR, tF
20
ns/V
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-50μA
4.4
4.5
V
VCC=4.5V, IOH=-8mA
3.94
Low-Level Output Voltage
VOL
VCC=4.5V, IOH=50μA
0.1
V
VCC=4.5V, IOH=8mA
0.36
Input Leakage Current
II(LEAK)
VCC=0~5.5V, VIN=5.5V or GND
±0.1
μA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND,
IOUT=0
1
μA
Additional Quiescent Supply Current
ΔIQ
VCC=5.5V, One input at 3.4V,
Other inputs at VCC or GND
1.35
mA
Input Capacitance
CI
VCC=5V, VIN=VCC or GND
4
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com