Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT1G14L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT1G14L-AF5-R
Description  SINGLE SCHMITT-TRIGGER INVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G14L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT1G14L-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G14L-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G14L-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G14L-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT1G14
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-518.B
SINGLE SCHMITT-TRIGGER
INVERTER
DESCRIPTION
The U74AHCT1G14 is a single schmitt-trigger inverter providing
the function Y=A.
The gates of device have different input threshold levels for
positive- going (VT+) and negative-going(VT-) signals because of the
schmitt-trigger action in the input.
FEATURES
* Operation Voltage Range: 4.5~5.5V
* Low Power Current :
ICC=10μA(Max)
* 8mA output drive
* Inputs are TTL Voltage Compatiable
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHCT1G14L-AF5-R
U74AHCT1G14G-AF5-R
SOT-25
Tape Reel
U74AHCT1G14L-AL5-R
U74AHCT1G14G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHCT1G14L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT1G14G-AF5-R UTC-U74AHCT1G14G-AF5-R Datasheet
196Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
U74AHCT1G14G-AL5-R UTC-U74AHCT1G14G-AL5-R Datasheet
196Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
U74AHCT1G14 UTC-U74AHCT1G14_15 Datasheet
196Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74AHCT1G14L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Texas Instruments
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
Single Schmitt-Trigger Inverter
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com