Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT3G04L-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHCT3G04L-P08-R
Description  INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT3G04L-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHCT3G04L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT3G04L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT3G04L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT3G04L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT3G04L-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHCT3G04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-545.a
ELECTRICAL CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
VCC(V) MIN TYP MAX UNIT
High-level input voltage
VIH
4.5 to 5.5 2.0
V
Low-level input voltage
VIL
4.5 to 5.5
0.8
V
VI = VIH or VIL, IOH = -50μA
4.5
4.4 4.5
High-Level Output Voltage
VOH
VI = VIH or VIL, IOH = -8.0mA
4.5
3.94 -
V
VI = VIH or VIL, IOH = -50μA
4.5
0
0.1
Low-Level Output Voltage
VOL
VI = VIH or VIL, IOH = -8.0mA
4.5
0.36
V
Input Leakage Current
II(LEAK)
VIN=VIH or VIL
5.5
0.1
μA
Quiescent Supply Current
ICC
VIN=VCC or GND, IOUT=0
5.5
1.0
μA
Additional Quiescent Supply Current
Δ ICC
One input at 3.4V,
Other inputs at VCC or GND,
IOUT = 0
5.5
1.35 mA
Input Capacitance
CIN
VIN=VCC or GND
1.5
10
pF
SWITCHING CHARACTERISTICS(tr = tf ≤ 3.0 ns, TA=25℃ )
PARAMETER
SYMBOL CL (pF)
VCC (V)
MIN
TYP
MAX UNIT
4.5 to 5.5
6.7
15
5
3.4
ns
4.5 to 5.5
-
7.7
Propagation delay from input (A) to output(Y)
tPLH
tPHL
50
5
4.9
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com