Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT86L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT86L-S14-R
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT86L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT86L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT86L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT86L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT86L-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT86
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-651.A
QUADRUPLE 2-INPUT
EXCLUSIVE-OR GATE
DESCRIPTION
The U74AHCT86 devices are quadruple 2-input exclusive-OR gate
which perform the function Y=A
B
⊕
or
Y= A B+ A B .
FEATURES
* Operate from 4.5V to 5.5V
* Max tPD of 8.8ns at 5.0V
* Low Quiescent Current: ICC=2μA(Max) at TA=25℃
* Inputs are TTL voltage compatiable
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74AHCT86 L-S14-R
U74AHCT86 G-S14-R
SOP-14
Tape Reel
U74AHCT86 L-S14-T
U74AHCT86 G-S14-T
SOP-14
Tube


Similar Part No. - U74AHCT86L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT86L-S14-R UTC-U74AHCT86L-S14-R Datasheet
175Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - U74AHCT86L-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-EP TI1-SN74LV86A-EP Datasheet
512Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-EP TI1-SN74LVC86A-EP Datasheet
534Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-Q1 TI1-SN74LV86A-Q1 Datasheet
189Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI1-74AC11086_15 Datasheet
260Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com