Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT157L-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT157L-P16-R
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT157L-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT157L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT157
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-652.A
QUADRUPLE 2-LINE TO 1-LINE
DATA SELECTOR/
MULTIPLEXER
DESCRIPTION
The U74AHCT157 is a quadruple 2-line to 1-line data
selector/multiplexer. When G is high, all outputs are low. When G
is low, a 4-bit word is selected from one of two sources and is routed
to the four outputs. The devices provide true data.
FEATURES
* TTL-Voltage Compatible
* Max tPD of 4.1ns from A or B to Y at 5V, CL=15pF
* Low Quiescent Current: ICC = 2 μA (MAX) at 5.5V
* ±8 mA output driver at 5V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74AHCT157L-P16-R
U74AHCT157G-P16-R
TSSOP-16
Tape Reel
U74AHCT157L-P16-T
U74AHCT157G-P16-T
TSSOP-16
Tube


Similar Part No. - U74AHCT157L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT157L-P16-R UTC-U74AHCT157L-P16-R Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
More results

Similar Description - U74AHCT157L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157M TI1-CD74ACT157M Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI1-SN74LVC157A-Q1_15 Datasheet
795Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com