Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT374L-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT374L-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT374L-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT374L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT374L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT374L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT374L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT374L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT374L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT374
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW+R502-690.A
OCTAL EDGE-TRIGGERED
D-TYPE FLIP-FLOPS WITH
3-STATE OUTPUTS
DESCRIPTION
The U74AHCT374 is a octal edge-triggered D-type flip-flops
with 3-state outputs and 8 channels.
When the
OE input is low, on the positive transition of the
clock (CLK) input, the Q outputs are set to the logic levels of the
data (D) inputs.
When the
OE input is high, the outputs are in the
high-impedance.
To ensure the high-impedance state during power up or
power down,
OE should be tied to VCC through a pull-up
resistor; the minimum value of the resistor is determined by the
current-sinking capability of the driver.
FEATURES
* Inputs are TTL-Voltage Compatible
* Operate from 4.5V to 5.5V
* Inputs Accept Voltages to 5.5V
* Max tPD of 9.4ns at VCC=5V, CL=15pF
* Typical VOL< 0.36V at VCC=4.5V, IOL=8mA, TA=25°C
* Typical VOH> 3.94V at VCC=4.5V, IOH=-8mA, TA=25°C
TSSOP-20
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHCT374L-P20-R
U74AHCT374G-P20-R
TSSOP-20
Tape Reel
U74AHCT374L-P20-T
U74AHCT374G-P20-T
TSSOP-20
Tube


Similar Part No. - U74AHCT374L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT374L-P20-R UTC-U74AHCT374L-P20-R Datasheet
233Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - U74AHCT374L-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT574 TI-SN74ABT574_02 Datasheet
332Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574_08 Datasheet
748Kb / 20P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com