Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT374G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHCT374G-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT374G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHCT374G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT374G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT374G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT374G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT374G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT374G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AHCT374
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-690.A
SWITCHING CHARACTERISTICS (TA =25℃, See TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From CLK to Q
tPLH/tPHL VCC = 5 V ± 0.5 V
CL =15pF
5.6
9.4
ns
CL =50pF
6.4
10.4
From
OE to Q
tPZL/tPZH VCC = 5 V ± 0.5 V
CL =15pF
6.5
10.2
ns
CL =50pF
7.3
11.2
From
OE to Q
tPLZ/tPHZ VCC = 5 V ± 0.5 V
CL =15pF
6.2
10.2
ns
CL =50pF
7
11.2
Maximum Clock Frequency
fMAX
VCC = 5 V ± 0.5 V
CL =15pF
90
140
MHz
CL =50pF
85
130
Pulse Width
tW
VCC = 5 V ± 0.5 V
6.5
ns
Setup Time
tSU
VCC = 5 V ± 0.5 V
2.5
ns
Hold Time
tH
VCC = 5 V ± 0.5 V
2.5
ns
OPERATING CHARACTERISTICS(TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
No load, VCC = 5 V, f=1MHz
27
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com