Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G06L-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AUP1G06L-AL5-R
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G06L-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AUP1G06L-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G06L-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G06L-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G06L-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G06L-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AUP1G06
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-883.A
LOW-POWER SINGLE
INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
DESCRIPTION
The U74AUP1G06 is a single inverting buffer with open-drain
outputs and it provides the function Y= A in positive logic. The
output of this device is open-drain, and can be connected to other
open-drain outputs to implement active-low wired-OR or active-high
wired-AND functions.
This device is ensures a very low static and dynamic power
consumption across the entire VCC range from 0.8V to 3.6V.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Wide supply voltage range from 0.8V to 3.6V
* Inputs accept voltages up to 3.6V
* IOFF supports partial-power-down mode
* Low noise - overshoot and undershoot <10% of VCC
* Low static power consumption; ICC=0.9uA (Max.)
* Optimized for 3.3V Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
U74AUP1G06L-AE5-R
U74AUP1G06G-AE5-R
SOT-23-5
Tape Reel
U74AUP1G06L-AL5-R
U74AUP1G06G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AUP1G06L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G06G-AE5-R UTC-U74AUP1G06G-AE5-R Datasheet
214Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G06G-AE5-R UTC-U74AUP1G06G-AE5-R Datasheet
217Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G06G-AL5-R UTC-U74AUP1G06G-AL5-R Datasheet
214Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G06G-AL5-R UTC-U74AUP1G06G-AL5-R Datasheet
217Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G06G-K06-1010-R UTC-U74AUP1G06G-K06-1010-R Datasheet
214Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
More results

Similar Description - U74AUP1G06L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
Low-Power Single Buffer/Driver With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com