Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G06G-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AUP1G06G-AE5-R
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G06G-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AUP1G06G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AUP1G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-883.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 4.6
V
Input Voltage
VIN
-0.5 ~ 4.6
V
Output Voltage
Output in the high or low state
VOUT
-0.5 ~ VCC+0.5
V
Output in the high-impedance or
power-off state
-0.5 ~ 4.6
V
VCC or GND Current
ICC
±50
mA
Continuous Output Current (VOUT=0 to VCC )
IOUT
±20
mA
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VOUT<0)
IOK
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
0.8
3.6
V
Input Voltage
VIN
0
3.6
V
Output Voltage
VOUT
0
3.6
V
Low-level Output Current
IOL
VCC=0.8V
20
uA
VCC=1.1V
1.1
mA
VCC=1.4V
1.7
VCC=1.65V
1.9
VCC=2.3V
3.1
VCC=3.0V
4.0
Operating Temperature
TA
-40
85
°C
Input Transition Rise or Fall Rate
Δt/Δv
VCC=0.8V~3.6V
200
ns/V
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=0.8V
VCC
V
VCC=1.1V~1.95V
0.65×VCC
V
VCC=2.3V~2.7V
1.6
V
VCC=3.0V~3.6V
2
V
Low-level Input Voltage
VIL
VCC=0.8V
0
V
VCC=1.1V~1.95V
0.35×VCC
V
VCC=2.3V~2.7V
0.7
V
VCC=3.0V~3.6V
0.9
V
Low-Level Output Voltage
VOL
VCC=0.8V~3.6V, IOL=20μA
0.1
V
VCC=1.1V, IOL=1.1mA
0.3×VCC
V
VCC=1.4V, IOL=1.7mA
0.31
V
VCC=1.65V, IOL=1.9mA
0.31
V
VCC=2.3V, IOL=2.3mA
0.31
V
VCC=2.3V, IOL=3.1mA
0.44
VCC=3.0V, IOL=2.7mA
0.31
V
VCC=3.0V, IOL=4.0mA
0.44
Input Leakage Current
II(LEAK)
VCC=0V~3.6V, VIN=GND to 3.6
±0.1
μA
Power OFF Leakage Current
Ioff
VCC=0V, VIN or VOUT=0V~3.6V,
±0.2
μA
Additional Power OFF Leakage
Current
ΔIoff
VCC=0V~0.2V,
VIN or VOUT=0V~3.6V
±0.2
μA
Quiescent Supply Current
ICC
VCC=0.8V~3.6V, IOUT=0
VIN=GND or VCC to 3.6V
0.5
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com