Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G06G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AUP1G06G-AL5-R
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G06G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AUP1G06G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G06G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G06G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G06G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G06G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AUP1G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-883.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Additional Quiescent Supply
Current Per Input Pin
ΔICC
VCC=3.3V, VIN=VCC-0.6V, IOUT=0
40
μA
Input Capacitance
CI
VCC=0V, VIN=VCC or GND
1.5
pF
VCC=3.6V, VIN=VCC or GND
1.7
Output Capacitance
COUT
VCC =0V, VOUT=GND
1.7
pF
SWITCHING CHARACTERISTICS (TA =25°C ,Input: tR / tF=3ns)
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(A ) to output(Y)
tPD
VCC=0.8V
CL=5pF, RL=5kΩ
12.4
ns
VCC=1.1V±0.1V
2.7
4.3
9.9
VCC=1.5V±0.1V
2.1
3.5
6.2
VCC=1.8V±0.15V
2.1
3.1
4.7
VCC=2.5V±0.2V
1.4
2.2
3.2
VCC=3.3V±0.3V
1.3
2.2
3.3
Propagation delay from input
(A) to output(Y)
tPD
VCC=0.8V,CL=5pF, RL=5kΩ
15.1
ns
VCC=1.1V±0.1V
CL=10pF, RL=5kΩ
3.6
5.4
11.2
VCC=1.5V±0.1V
2.9
4.3
7.0
VCC=1.8V±0.15V
2.7
3.9
5.4
VCC=2.5V±0.2V
2.1
2.9
3.8
VCC=3.3V±0.3V
1.7
3.0
4.5
Propagation delay from input
(A ) to output(Y)
tPD
VCC=0.8V
CL=15pF, RL=5kΩ
17.4
ns
VCC=1.1V±0.1V
4.9
6.4
12.2
VCC=1.5V±0.1V
3.5
5.0
7.7
VCC=1.8V±0.15V
3.2
4.8
6.6
VCC=2.5V±0.2V
2.5
3.5
4.5
VCC=3.3V±0.3V
2.0
3.8
6.0
Propagation delay from input
(A) to output(Y)
tPD
VCC=0.8V
CL=30pF, RL=5kΩ
25.3
ns
VCC=1.1V±0.1V
7.6
9.3
16.0
VCC=1.5V±0.1V
5.9
7.6
10.1
VCC=1.8V±0.15V
4.8
7.4
10.7
VCC=2.5V±0.2V
3.7
5.4
7.1
VCC=3.3V±0.3V
3.2
6.5
10.5
OPERATING CHARACTERISTICS (TA=25°С, f=10MHz)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=0.8V
1.0
pF
VCC=1.1V±0.1V
1.0
VCC=1.5V±0.1V
1.0
VCC=1.8V±0.15V
1.0
VCC=2.5V±0.2V
1.0
VCC=3.3V±0.3V
1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com