Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH2D18HPNP-R82NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D18HPNP-R82NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D18HPNP-R82NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D18HPNP-R82NC Datasheet HTML 1Page - Sumida Corporation CDRH2D18HPNP-R82NC Datasheet HTML 2Page - Sumida Corporation CDRH2D18HPNP-R82NC Datasheet HTML 3Page - Sumida Corporation CDRH2D18HPNP-R82NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D18/HP
Electrical Characteristics
※1. Inductance measuring condition: 0.20μH~1.10μH at 7.96MHz ; 1.70μH~15.0μH at 100kHz
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.64
0.53
0.70
345(275)
15.0
±30%
M
CDRH2D18/HPNP-150NC
0.90
0.65
0.85
245(195)
10.0
±30%
K
CDRH2D18/HPNP-100NC
1.15
0.78
1.05
160(128)
6.30
±30%
I
CDRH2D18/HPNP-6R3NC
1.20
0.90
1.20
140(110)
4.70
±30%
G
CDRH2D18/HPNP-4R7NC
1.55
1.10
1.45
86(69)
3.30
±30%
E
CDRH2D18/HPNP-3R3NC
1.90
1.15
1.60
60(48)
2.20
±30%
C
CDRH2D18/HPNP-2R2NC
2.20
1.36
1.85
44(35)
1.70
±30%
A
CDRH2D18/HPNP-1R7NC
2.90
1.90
2.50
43(33)
1.10
±35%
S
CDRH2D18/HPNP-1R1NC
3.30
2.20
2.91
39(30)
0.82
±35%
R
CDRH2D18/HPNP-R82NC
3.60
2.76
3.75
33(25)
0.56
±35%
Q
CDRH2D18/HPNP-R56NC
4.10
3.00
4.62
29(22)
0.36
±35%
P
CDRH2D18/HPNP-R36NC
4.70
3.55
5.35
22(17)
0.20
±35%
N
CDRH2D18/HPNP-R20NC
at100
℃
at 20
℃
Temperature
Rise Current
(A)
※3
Saturation Current
(
A) ※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com