Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL31A106KB Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CL31A106KB
Description  Samsung electro-mechanics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31A106KB Datasheet(HTML) 2 Page - Samsung semiconductor

  CL31A106KB Datasheet HTML 1Page - Samsung semiconductor CL31A106KB Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vibration Test
Capacitance change :
within ±5%
Amplitude : 1.5mm
Tan δ, IR : initial spec.
From 10㎐ to 55㎐ (return : 1min.)
2hours
 3 direction (x, y, z)
Moisture
Capacitance change :
within ±12.5% With rated voltage
Resistance
Tan δ : 0.125 max
40±2℃, 90~95%RH, 500+12/-0 hour
IR
: More than 12.5㏁·㎌
High Temperature
Capacitance change :
within ±12.5% With
of the rated voltage
Resistance
Tan δ : 0.125 max
Max. operating temperature
IR
: More than 25㏁·㎌
1000+48/-0 hour
Temperature
Capacitance change :
within ±7.5%
1 cycle condition
Cycling
Tan δ, IR : initial spec.
Min. operating temperature
→
25℃
→
Max. operating temperature →
25℃
5 cycles test
C. Recommended Soldering method :
Reflow ( Reflow Peak Temperature : 260+0/-5℃, 10sec. Max )
* For the more detail Specification, Please refer to the Samsung MLCC catalogue.
Performance
Test condition
150%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com