Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT1111C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT1111C
Description  Silicon P Channel MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1111C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT1111C Datasheet HTML 1Page - Renesas Technology Corp HAT1111C Datasheet HTML 2Page - Renesas Technology Corp HAT1111C Datasheet HTML 3Page - Renesas Technology Corp HAT1111C Datasheet HTML 4Page - Renesas Technology Corp HAT1111C Datasheet HTML 5Page - Renesas Technology Corp HAT1111C Datasheet HTML 6Page - Renesas Technology Corp HAT1111C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HAT1111C
R07DS1177EJ0700 Rev.7.00
Page 2 of 6
Mar 19, 2014
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to Source breakdown voltage
V(BR)DSS
–60
—
—
V
ID = –10 mA, VGS = 0
Gate to Source breakdown voltage
V(BR)GSS
–20
+10
—
—
V
IG =
±100 μA, VDS = 0
Gate to Source leakage current
IGSS
—
—
±10
μA
VGS = –16 / +8 V, VDS = 0
Drain to Source leakage current
IDSS
—
—
-1
μA
VDS = –60 V, VGS = 0
Gate to Source cutoff voltage
VGS(th)
–1
—
-2
V
ID = –1 mA, VDS = -10 V
Note3
Drain to Source on state resistance
RDS(on)
—
245
307
m
Ω
ID = –1 A, VGS = -10 V
Note3
RDS(on)
—
310
450
m
Ω
ID = –1 A, VGS = -4.5 V
Note3
Forward transfer admittance
| yfs |
0.65
1
—
S
ID = –1 A, VDS = -10 V
Note3
Input capacitance
Ciss
—
290
—
pF
VDS = –10 V, VGS = 0
f = 1 MHz
Output capacitance
Coss
—
40
—
pF
Reverse transfer capacitance
Crss
—
20
—
pF
Total gate charge
Qg
—
6
—
nC
VDS = –10 V, VGS = –10 V
ID = –2 A
Gate to Source charge
Qgs
—
0.7
—
nC
Gate to Drain charge
Qgd
—
1.2
—
nC
Turn - on delay time
td(on)
—
20
—
ns
VDS = –10 V, VGS = –10 V
ID = –1 A, RL = 10
Ω,
Rg = 4.7
Ω
Rise time
tr
—
25
—
ns
Turn - off delay time
td(off)
—
37
—
ns
Fall time
tf
—
4
—
ns
Body - Drain diode forward voltage
VDF
—
–0.85
–1.2
V
IF = –2 A, VGS = 0
Notes: 3. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com