Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AMX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324AMX
Description  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324AMX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM324AMX Datasheet HTML 7Page - National Semiconductor (TI) LM324AMX Datasheet HTML 8Page - National Semiconductor (TI) LM324AMX Datasheet HTML 9Page - National Semiconductor (TI) LM324AMX Datasheet HTML 10Page - National Semiconductor (TI) LM324AMX Datasheet HTML 11Page - National Semiconductor (TI) LM324AMX Datasheet HTML 12Page - National Semiconductor (TI) LM324AMX Datasheet HTML 13Page - National Semiconductor (TI) LM324AMX Datasheet HTML 14Page - National Semiconductor (TI) LM324AMX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
www.ti.com
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
Typical Single-Supply Applications
(V
+ = 5.0 V
DC)
*R not needed due to temperature independent IIN
Figure 17. Non-Inverting DC Gain (0V Input = 0V Output)
Where: V0 = V1 + V2 − V3 − V4
(V1 + V2) ≥ (V3 + V4) to keep VO > 0 VDC
Figure 18. DC Summing Amplifier
(VIN'S ≥ 0 VDC and VO ≥ VDC)
V0 = 0 VDC for VIN = 0 VDC
AV = 10
Figure 19. Power Amplifier
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com