Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324M
Description  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM324M Datasheet HTML 1Page - National Semiconductor (TI) LM324M Datasheet HTML 2Page - National Semiconductor (TI) LM324M Datasheet HTML 3Page - National Semiconductor (TI) LM324M Datasheet HTML 4Page - National Semiconductor (TI) LM324M Datasheet HTML 5Page - National Semiconductor (TI) LM324M Datasheet HTML 6Page - National Semiconductor (TI) LM324M Datasheet HTML 7Page - National Semiconductor (TI) LM324M Datasheet HTML 8Page - National Semiconductor (TI) LM324M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
www.ti.com
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
LM124-N/LM224-
LM2902-N
N/LM324-N
LM124A/LM224A/LM324
A
Supply Voltage, V+
32V
26V
Differential Input Voltage
32V
26V
Input Voltage
−0.3V to +32V
−0.3V to +26V
Input Current (VIN < −0.3V)
(3)
50 mA
50 mA
Power Dissipation(4)
PDIP
1130 mW
1130 mW
CDIP
1260 mW
1260 mW
SOIC Package
800 mW
800 mW
Output Short-Circuit to GND (One Amplifier)(5)
V+
≤ 15V and TA = 25°C
Continuous
Continuous
Operating Temperature Range
−40°C to +85°C
LM324-N/LM324A
0°C to +70°C
LM224-N/LM224A
−25°C to +85°C
LM124-N/LM124A
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
−65°C to
+150°C
Lead Temperature (Soldering, 10 seconds)
260°C
260°C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260°C
260°C
Small Outline Package
Vapor Phase (60 seconds)
215°C
215°C
Infrared (15 seconds)
220°C
220°C
ESD Tolerance(6)
250V
250V
(1)
Refer to RETS124AX for LM124A military specifications and refer to RETS124X for LM124-N military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/
(3)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the op amps to go to
the V+voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and
normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3V (at 25°C).
(4)
For operating at high temperatures, the LM324-N/LM324A/LM2902-N must be derated based on a +125°C maximum junction
temperature and a thermal resistance of 88°C/W which applies for the device soldered in a printed circuit board, operating in a still air
ambient. The LM224-N/LM224A and LM124-N/LM124A can be derated based on a +150°C maximum junction temperature. The
dissipation is the total of all four amplifiers—use external resistors, where possible, to allow the amplifier to saturate of to reduce the
power which is dissipated in the integrated circuit.
(5)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com