Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV601 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV601 Datasheet HTML 1Page - National Semiconductor (TI) LMV601 Datasheet HTML 2Page - National Semiconductor (TI) LMV601 Datasheet HTML 3Page - National Semiconductor (TI) LMV601 Datasheet HTML 4Page - National Semiconductor (TI) LMV601 Datasheet HTML 5Page - National Semiconductor (TI) LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Machine Model
200V
ESD Tolerance(3)
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V + -V −)
6.0V
Output Short Circuit to V +
See(4)
Output Short Circuit to V −
See(5)
Storage Temperature Range
−65°C to 150°C
Junction Temperature(6)
150°C
Infrared or Convection Reflow (20 sec.)
235°C
Mounting Temperature
Wave Soldering Lead Temp. (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Shorting output to V+ will adversely affect reliability.
(5)
Shorting output to V-will adversely affect reliability.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Operating Ratings
(1)
Supply Voltage
2.7V to 5.5V
Temperature Range
−40°C to 125°C
Thermal Resistance (
θ JA)
6-Pin SC70
414°C/W
8-Pin SOIC
190°C/W
8-Pin VSSOP
235°C/W
14-Pin TSSOP
155°C/W
14-Pin SOIC
145°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com