Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981MF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV981MF
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV981MF Datasheet HTML 1Page - National Semiconductor (TI) LMV981MF Datasheet HTML 2Page - National Semiconductor (TI) LMV981MF Datasheet HTML 3Page - National Semiconductor (TI) LMV981MF Datasheet HTML 4Page - National Semiconductor (TI) LMV981MF Datasheet HTML 5Page - National Semiconductor (TI) LMV981MF Datasheet HTML 6Page - National Semiconductor (TI) LMV981MF Datasheet HTML 7Page - National Semiconductor (TI) LMV981MF Datasheet HTML 8Page - National Semiconductor (TI) LMV981MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LMV981-N, LMV982-N
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Machine Model
200V
Human Body Model
2000V
Supply Voltage (V+–V −)
5.5V
Differential Input Voltage
± Supply Voltage
Voltage at Input/Output Pins
V++0.3V, V--0.3V
Storage Temperature Range
−65°C to 150°C
Junction Temperature (4)
150°C
For soldering specifications:
http://www.ti.com/lit/SNOA549f
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage Range
1.8V to 5.0V
Temperature Range
−40°C to 125°C
Thermal Resistance (
θJA)
6-Bump DSBGA
286°C/W
SC70-6
414°C/W
SOT-23-6
265°C/W
VSSOP-10
235°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
1.8V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 1.8V, V − = 0V, V
CM = V
+/2, V
O = V
+/2, R
L > 1 MΩ and SHDN
tied to V
+. Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
VOS
Input Offset Voltage
LMV981-N (Single)
1
4
6
mV
LMV982 (Dual)
1
5.5
7.5
TCVOS
Input Offset Voltage Average Drift
5.5
μV/°C
IB
Input Bias Current
15
35
nA
50
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self heating where TJ > TA. See Application Note section for information on temperature derating of
this device. Absolute Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded,
either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com