Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA320 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA320 Datasheet HTML 1Page - National Semiconductor (TI) OPA320 Datasheet HTML 2Page - National Semiconductor (TI) OPA320 Datasheet HTML 3Page - National Semiconductor (TI) OPA320 Datasheet HTML 4Page - National Semiconductor (TI) OPA320 Datasheet HTML 5Page - National Semiconductor (TI) OPA320 Datasheet HTML 6Page - National Semiconductor (TI) OPA320 Datasheet HTML 7Page - National Semiconductor (TI) OPA320 Datasheet HTML 8Page - National Semiconductor (TI) OPA320 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OP
A2320
OP
A2320S
OP
A320
OP
A2320
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
Precision, 20MHz, 0.9pA, Low-Noise, RRIO,
CMOS Operational Amplifier with Shutdown
Check for Samples: OPA320, OPA2320, OPA320S, OPA2320S
1
FEATURES
DESCRIPTION
The OPA320 (single) and OPA2320 (dual) are a new
23
•
Precision with Zero-Crossover Distortion:
generation
of
precision,
low-voltage
CMOS
–
Low Offset Voltage: 150
μV (max)
operational amplifiers optimized for very low noise
–
High CMRR: 114dB
and wide bandwidth while operating on a low
quiescent current of only 1.45mA.
–
Rail-to-Rail I/O
•
Low Input Bias Current: 0.9pA (max)
The OPA320 series is ideal for low-power, single-
supply applications. Low-noise (7nV/
√Hz) and high-
•
Low Noise: 7nV/
√Hz at 10kHz
speed operation also make them well-suited for
•
Wide Bandwidth: 20MHz
driving sampling analog-to-digital converters (ADCs).
•
Slew Rate: 10V/
μs
Other applications include signal conditioning and
sensor amplification.
•
Quiescent Current: 1.45mA/ch
•
Single-Supply Voltage Range: 1.8V to 5.5V
The OPA320 features a linear input stage with zero-
crossover distortion that delivers excellent common-
•
OPA320S, OPA2320S:
mode rejection ratio (CMRR) of typically 114dB over
–
IQ in Shutdown Mode: 0.1μA
the full input range. The input common-mode range
•
Unity-Gain Stable
extends 100mV beyond the negative and positive
supply rails. The output voltage typically swings within
•
Small Packages:
10mV of the rails.
–
SOT23, MSOP, DFN
In addition, the OPAx320 have a wide supply voltage
range from 1.8V to 5.5V with excellent PSRR (106dB)
APPLICATIONS
over the entire supply range, making them suitable
•
High-Z Sensor Signal Conditioning
for precision, low-power applications that run directly
•
Transimpedance Amplifiers
from batteries without regulation.
•
Test and Measurement Equipment
The OPA320 (single version) is available in a SOT23-
•
Programmable Logic Controllers (PLCs)
5 package; the OPA320S shut-down single version is
available in an SOT23-6 package. The dual OPA2320
•
Motor Control Loops
is offered in SO-8, MSOP-8, and DFN-8 packages,
•
Communications
and the OPA2320S (dual with shut-down) in an
•
Input/Output ADC/DAC Buffers
MSOP-10 package.
•
Active Filters
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FilterPro is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA320 TI2-OPA320 Datasheet
2Mb / 58P
OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED DECEMBER 2016
OPA320 TI2-OPA320 Datasheet
998Kb / 36P
OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
REVISED DECEMBER 2018
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI2-OPA320-Q1 Datasheet
998Kb / 36P
OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
REVISED DECEMBER 2018
More results

Similar Description - OPA320

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
20MHz, High Precision CMOS Operational Amplifier
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA328 TI-OPA328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com