Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3110-R82-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SD3110-R82-R
Description  Low Profile Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD3110-R82-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SD3110-R82-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3110-R82-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3110-R82-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD3110 Series
Low Profile Power Inductors
Core Loss
1MHz
500kHz
300kHz
200kHz
100kHz
50kHz
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
1
10
100
1000
Bp-p (mT)
Dimensions are in millimeters.
3.2
3.2
B1
Bo
A1
4.2
Ao
1.75
2.0
8.0
4.0
5.5
12.0
+/-0.3
Ko
A1=0.90mm
Ao=3.9mm
Bo=3.6mm
B1=1.25mm
Ko=1.2mm
Parts packaged on 13" Diameter reel,
4,100 parts per reel.
Packaging Information
1.0 max
Marking
2.0
2 plcs
4.0
1.0
2 plcs
3.1 max.
3.1 max.
1.0 typical
3.6 max
4.0 Max.
0.6 typ.
2.0 typ.
Part Marking:
3 Digit Marking: (1st digit: Indicates inductance value per letter in Part Marking Designator); (2nd digit: Bi-weekly production date code); (3rd digit: Last digit of the year produced).
Mechanical Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com