Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3110-8R2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SD3110-8R2-R
Description  Low Profile Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD3110-8R2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SD3110-8R2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3110-8R2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3110-8R2-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 125°C maximum total temperature operation
• 3.1mm x 3.1mm x 1.0mm shielded drum core
• Ferrite core material
• Inductance range from 0.5uH to 220uH
• Current range from 2.27 Amps to 0.106 Amps
• Frequency range up to 1MHz
Applications
• Cellular phones, Digital cameras, CD players, PDA’s
• Small LCD displays
• LED driver and LED flash circuits
• Hard disk drives
• Backlighting
• EL panel
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds
maximum
Packaging
• Supplied in tape and reel packaging, 4100 per reel
SD3110 Series
Low Profile Power Inductors
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (
Ω)
K-factor
Inductance
(µH)
Marking
Amperes
Amperes
typ. @
(4)
(µH)
Designator
20°C
SD3110-R50-R
0.50
0.44+/-30%
A
1.54
2.27
0.0420
216
SD3110-R82-R
0.82
0.82+/-30%
B
1.30
1.67
0.0589
191
SD3110-1R0-R
1.0
1.05+/-30%
C
1.21
1.47
0.0683
169
SD3110-1R5-R
1.5
1.60+/-30%
D
0.99
1.19
0.103
137
SD3110-2R2-R
2.2
2.27+/-30%
E
0.82
1.00
0.149
115
SD3110-3R3-R
3.3
3.48+/-30%
F
0.72
0.81
0.195
93
SD3110-4R7-R
4.7
4.96+/-30%
G
0.59
0.68
0.285
78
SD3110-6R8-R
6.8
6.70+/-30%
H
0.54
0.58
0.346
67
SD3110-8R2-R
8.2
8.01+/-30%
I
0.48
0.53
0.432
61
SD3110-100-R
10.0
10.18+/-30%
J
0.44
0.47
0.505
54
SD3110-150-R
15.0
15.32+/-20%
K
0.36
0.38
0.764
44
SD3110-220-R
22.0
21.49+/-20%
L
0.30
0.32
1.13
37
SD3110-330-R
33.0
32.72+/-20%
M
0.26
0.26
1.50
30
SD3110-470-R
47.0
46.29+/-20%
N
0.22
0.22
2.06
25
SD3110-680-R
68.0
68.04+/-20%
O
0.179
0.182
3.13
21
SD3110-820-R
82.0
82.65+/-20%
P
0.167
0.166
3.57
19
SD3110-101-R
100
101+/-20%
Q
0.146
0.150
4.72
17
SD3110-151-R
150
149+/-20%
R
0.127
0.123
6.16
14
SD3110-221-R
220
219+/-20%
S
0.106
0.120
9.46
12
(1) Open Circuit Inductance Test Parameters: 100kHz, 0.1V, 0.0Adc.
(2) Irms: DC current for an approximate DT of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed 125°C under worst
case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 30% rolloff (@20°C)
(4) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*
∆I, B p-p(mT), K: (K factor from table), L: (Inductance in uH),
∆I (Peak to peak ripple current in Amps).
RoHS
2002/95/EC


Similar Part No. - SD3110-8R2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD3110-R50-R COOPER-SD3110-R50-R Datasheet
121Kb / 3P
Low Profile Power Inductors
More results

Similar Description - SD3110-8R2-R

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
Low Profile Power Inductors
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
Low Profile Power Inductors
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com