Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3253G-R16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CBT3253G-R16-T
Description  DUAL 1-OF-4 FET MULTIPLEXER/EMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3253G-R16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CBT3253G-R16-T Datasheet HTML 1Page - Unisonic Technologies U74CBT3253G-R16-T Datasheet HTML 2Page - Unisonic Technologies U74CBT3253G-R16-T Datasheet HTML 3Page - Unisonic Technologies U74CBT3253G-R16-T Datasheet HTML 4Page - Unisonic Technologies U74CBT3253G-R16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CBT3253
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-948.A
DUAL 1-OF-4 FET
MULTIPLEXER/EMULTIPLEXER
DESCRIPTION
The U74CBT3253 is a dual 1-of-4 high-speed TTL-compatible
FET multiplexer/demultiplexer. The low on-state resistance of the
switch allows connections to be made with minimal propagation
delay.
1 OE , 2 OE , S0, and S1 select the appropriate B output for the
A-input data.
FEATURES
* VCC Operating Range From 4V to 5.5V
* Bidirectional Data Flow, With minimal Propagation Delay
* Low ON-State Resistance (RON) Characteristics (RON =5Ω Typ.)
* Low Power Consumption ICC =3μA (Max)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74CBT3253L-R16-T
U74CBT3253G-R16-T
SSOP-16
Tube
U74CBT3253L-R16-R
U74CBT3253G-R16-R
SSOP-16
Tape Reel


Similar Part No. - U74CBT3253G-R16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3253G-R16-R UTC-U74CBT3253G-R16-R Datasheet
178Kb / 5P
DUAL 1-OF-4 FET MULTIPLEXER EMULTIPLEXER
More results

Similar Description - U74CBT3253G-R16-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
logo
Unisonic Technologies
U74CBT3253 UTC-U74CBT3253_15 Datasheet
178Kb / 5P
DUAL 1-OF-4 FET MULTIPLEXER EMULTIPLEXER
logo
Texas Instruments
SN74CB3Q3253 TI1-SN74CB3Q3253_15 Datasheet
1Mb / 25P
Dual 1-of-4 FET Multiplexer ??Demultiplexer
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com