Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3257L-R16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CBT3257L-R16-R
Description  4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3257L-R16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CBT3257L-R16-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3257L-R16-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3257L-R16-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3257L-R16-R Datasheet HTML 4Page - Unisonic Technologies U74CBT3257L-R16-R Datasheet HTML 5Page - Unisonic Technologies U74CBT3257L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CBT3257
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-922, A
4-BIT 1-OF-2 FET
MULTIPLEXER/
DEMULTIPLEXER
DESCRIPTION
The U74CBT3257 is a 4-bit 1-of-2 high-speed TTL-compatible
FET multiplexer/demultiplexer. The low on-state resistance of the
switch allows connections to be made with minimal propagation
delay.
Output-enable ( OE ) and select-control (S) inputs select the
appropriate B1 and B2 outputs for the A-input data.
FEATURES
* VCC Operating Range From 4V to 5.5V
* Bidirectional Data Flow, With minimal Propagation Delay
* Low ON-State Resistance (RON) Characteristics (RON =5Ω Typ.)
* Low Power Consumption ICC =3μA (Max)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74CBT3257L-R16-T
U74CBT3257G-R16-T
SSOP-16
Tube
U74CBT3257L-R16-R
U74CBT3257G-R16-R
SSOP-16
Tape Reel
U74CBT3257L-P16-T
U74CBT3257G-P16-T
TSSOP-16
Tube
U74CBT3257L-P16-R
U74CBT3257G-P16-R
TSSOP-16
Tape Reel


Similar Part No. - U74CBT3257L-R16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257CG-P16-R UTC-U74CBT3257CG-P16-R Datasheet
224Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257CG-R16-R UTC-U74CBT3257CG-R16-R Datasheet
224Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257G-P16-R UTC-U74CBT3257G-P16-R Datasheet
201Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
More results

Similar Description - U74CBT3257L-R16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257_09 Datasheet
656Kb / 16P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257_15 Datasheet
201Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com