Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3257L-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74CBT3257L-P16-R
Description  4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3257L-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74CBT3257L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3257L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3257L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3257L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CBT3257L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CBT3257L-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74CBT3257
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-922.A
SWITCHING CHARACTERISTICS (CL=50pF, RL=500Ω, see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
From input (A or B) to output (B or A) (Note)
tpd
VCC=4V
0.35
ns
VCC= 5V±0.5V
0.25
ns
From input S to output A
tpd(s)
VCC=4V
5.5
ns
VCC= 5V±0.5V
1.6
5..0
ns
From input S to output B
ten
VCC=4V
5.7
ns
VCC= 5V±0.5V
1.6
5.2
ns
From input OE to output (A or B)
VCC=4V
5.6
ns
VCC= 5V±0.5V
1.8
5.1
ns
From input S to output B
tdis
VCC=4V
5.2
ns
VCC= 5V±0.5V
1.0
5.0
ns
From input OE to output (A or B)
VCC=4V
5.5
ns
VCC= 5V±0.5V
2.2
5.5
ns
Note: The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and
the specified load capacitance, when driven by an ideal voltage source (zero output impedance).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com