Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3306L-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74CBT3306L-P08-R
Description  DUAL FET BUS SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3306L-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74CBT3306L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3306L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3306L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3306L-P08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74CBT3306
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-941.A
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7
V
Input Voltage range(see Note 1)
VIN
-0.5 ~ 7
V
Input Clamp Current
IIK
-50
mA
Continuous channel current
128
mA
Storage Temperature range
TSTG
-65~+150
°C
Notes: 1.
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2.
The package thermal impedance is calculated in accordance with JESD 51-7.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-8
θJA
97
°C/W
TSSOP-8
149
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4
5.5
V
High-Level Control Input Voltage
VIH
2
V
Low-Level Control Input Voltage
VIL
0.8
V
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Control Input Clamp Voltage
VIK
VCC=4.5V, IIN=-18mA
-1.2
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=VCC or GND
±1µA
Quiescent Supply Current
ICC
VCC=5.5V, IOUT=0, VIN=VCC or GND
3
µA
Additional Quiescent Supply
Current
∆ICC
VCC=5.5V, One input at 3.4V,
Other inputs at VCC or GND
2.5
mA
Control Input Capacitance
CIN
VIN=3V or 0
3
pF
Input Capacitance
CIO(OFF)
VOUT=3V or 0, OE =VCC
4
pF
ON-Resistance
RON
VCC=4V, VIN=2.4V,IOUT =-15mA
14
20
Ω
VCC=4.5V, VIN=0
IOUT=64mA
5
7
Ω
IOUT=30mA
5
7
Ω
VCC=4.5V, VIN=2.4V
IOUT=-15mA
10
15
Ω
SWITCHING CHARACTERISTICS (CL=50PF, RL=500Ω. see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
From input (A or B) to output
(B or A) (Note)
tpd
VCC=4V
0.35
ns
VCC=5V±0.5V
0.25
ns
From input OE to output
(A or B)
ten
VCC=4V
5.6
ns
VCC=5V±0.5V
1.8
5
ns
From input OE to output
(A or B)
tdis
VCC=4V
4.6
ns
VCC=5V±0.5V
1
4.3
ns
Note: The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and
the specified load capacitance, when driven by an ideal voltage source (zero output impedance).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com