Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS212 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS212
Description  Security Detector Serial-Addressable Receiver/Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS212 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS212 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Lead Temperature Soldering:
Wave Solder (through hole styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 Sec. max 260ûC Peak
Reflow (SMD styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60 Sec max. above 183ûC, 230ûC Peak
Storage Temperature Range, TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65 to 150ûC
Maximum Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .125¡C
Electrical Characteristics: TA = 25¡C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
Operating Temperature Range, TA
-40
85
¡C
Device Current IDD
Outputs unloaded
0.47
0.80
mA
Not Addressed
Line Voltage=0-15V, VDD=15V
Device Current IDD
IN0, IN1 are Open
3.55
5.50
mA
Power-Up-Mode
IN2, IN3 are Active
(5 corr. addr. bits)CP4-CP5VDD=15V
Device Current IDD
IN2, IN3 not Active
6.24
9.64
mA
Addressed, Line Output
IN0, IN1 are Open
Transistor Active
VDD=15V
Device Current IDD
IN2, IN3 not Active
1.84
2.86
mA
Addressed (4 corr.addr.bits)
IN0, IN1 are Open
Line Output Transistor Not Active
VDD=15V
Output Voltage Low Level
VDD=10-15V
1.2
V
Out0, Out1, DSR
ISINK=1mA
Output sink Current
1.0
mA
Out0, Out1, DSR
Output Voltage High Level
14
V
Out0, Out1, DSR
Leakage Current
VOUT=14V
30
µA
Out0, Out1, DSR
Input Voltage Level
Low
VDD=10-15V
30%VDD
V
A0-A4, IN0, IN1
High
VDD=10-15V
70%VDD
V
Input Current IN0, IN1=Gnd
VDD=18V
150
850
µA
Power-Up Mode
(4 corr.addr.bits)
Input Current
VDD=18V
20
µA
A0-A4, IN0, IN1
Not Addressed
Positive Trigger
Threshold
VP, C
Clock Comparator
11.0
11.7
12.4
V
Voltage Vdd=15V
VP, D
Data Comparator
4.6
5.7
6.6
V
Negative Trigger
VNC
VDD=15V Clock Comparator
10.2
10.9
11.6
V
Threshold Voltage
VNC
VDD=15V, Data Comparator
3.4
4.3
5.2
V
Hysteresis Voltage
VDD=15V
0.7
0.8
V
Clock/Data Comp.
Saturation Voltage For
VDD=15V, IC=50mA
1
V
Line Output Driver
Saturation Voltage For
VDD=15V, IC=10mA
0.4
V
Line Output Driver
Leakage Current
VLINE=0-18V, VDD=18V
±16
µA
For the Line Output
Line Signal Freq.
VDD=15V±1V
0
20
kHz
Rise/Fall-Time Line Signal
0.25
250.00
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com