Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBTLV3126L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CBTLV3126L-P14-R
Description  LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBTLV3126L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CBTLV3126L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74CBTLV3126L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74CBTLV3126L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74CBTLV3126L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74CBTLV3126L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74CBTLV3126L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74CBTLV3126L-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CBTLV3126
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-954,A
LOW-VOLTAGE QUADRUPLE
FET BUS SWITCH
DESCRIPTION
The U74CBTLV3126 quadruple FET bus switch features
independent line switches. Each switch is disabled when the
associated output-enable (OE) input is low.
The device is fully specified for partial-power-down applications
using Ioff. The Ioff feature ensures that damaging current will not
backflow through the device when it is powered down. The device
has isolation during power off.
To ensure the high-impedance state during power up or power
down, OE should be tied to GND through a pulldown resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* 5-Ω Switch Connection Between Two Ports
* Standard ‘126-Type Pinout
* Ioff Supports Partial-Power-Down Mode Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74CBTLV3126L-P14-T
U74CBTLV3126G-P14-T
TSSOP-14
Tube
U74CBTLV3126L-P14-R
U74CBTLV3126G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74CBTLV3126L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBTLV3126G-P14-R UTC-U74CBTLV3126G-P14-R Datasheet
219Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results

Similar Description - U74CBTLV3126L-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3215 TI-SN74CBTLV3215 Datasheet
853Kb / 18P
LOW - voltage quadruple fet bus switch
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125 UTC-U74CBTLV3125_15 Datasheet
217Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com