Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC02L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC02L-P14-R
Description  HCQUADRUPLE 2-INPUT NOR GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC02L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC02L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HC02L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HC02L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HC02L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HC02L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC02
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-229.C
HCQUADRUPLE 2-INPUT NOR
GATES
DESCRIPTION
The U74HC02 contains four independent 2-input NOR gates,
which provides the Function
Y=A+B in positive logic.
FEATURES
* Operation voltage range: 2~6V
* Low Quiescent Current:
ICC=2uA(Max)
* High speed:
tPD = 8ns(Typ) Vcc=6V
* Low input current:
100nA Max
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HC02L-S14-T
U74HC02G-S14-T
SOP-14
Tube
U74HC02L-S14-R
U74HC02G-S14-R
SOP-14
Tape Reel
U74HC02L-P14-T
U74HC02G-P14-T
TSSOP-14
Tube
U74HC02L-P14-R
U74HC02G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74HC02L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC02G-D14-T UTC-U74HC02G-D14-T Datasheet
216Kb / 5P
HCQUADRUPLE 2-INPUT NOR GATES
U74HC02G-P14-R UTC-U74HC02G-P14-R Datasheet
216Kb / 5P
HCQUADRUPLE 2-INPUT NOR GATES
U74HC02G-S14-R UTC-U74HC02G-S14-R Datasheet
216Kb / 5P
HCQUADRUPLE 2-INPUT NOR GATES
U74HC02 UTC-U74HC02_15 Datasheet
216Kb / 5P
HCQUADRUPLE 2-INPUT NOR GATES
More results

Similar Description - U74HC02L-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
Quad 2-Input NOR Gates
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
Quad 2-Input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
Quad. 2-input NOR Gates
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
Quad. 2-input NOR Gates
logo
Fairchild Semiconductor
HD74LV2G02A FAIRCHILD-HD74LV2G02A Datasheet
82Kb / 9P
Dual 2-input NOR Gates
logo
Rohm
BU4S01G2 ROHM-BU4S01G2 Datasheet
152Kb / 5P
single 2 input NOR gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
Quad. 2-input NOR Gates
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
Quad. 2-input NOR Gates
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
Quad. 2-input NOR Gates
logo
Unisonic Technologies
U74HC02 UTC-U74HC02_15 Datasheet
216Kb / 5P
HCQUADRUPLE 2-INPUT NOR GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com