Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC2G00L-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC2G00L-SM1-R
Description  2-INPUT NAND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G00L-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC2G00L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC2G00
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-338.A
2-INPUT NAND GATE
DESCRIPTION
The UTC U74HC2G00 is a high-speed CMOS device which
provides 2-input NAND gates.
FEATURES
* Operation Voltage Range: 2.0~6.0V
* Low Power Dissipation:
ICC=10μA(Max)
* High Speed:
tpd=9ns(VCC=4.5V, CL=50pF)
* Specified from -40 to +85°Cand -40 to +125°C
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HC2G00L-SM1-R
U74HC2G00G-SM1-R
MSOP-8
Tape Reel


Similar Part No. - U74HC2G00L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC2G00L-SM1-R UTC-U74HC2G00L-SM1-R Datasheet
129Kb / 5P
2-INPUT NAND GATE
More results

Similar Description - U74HC2G00L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
2-INPUT NAND GATE
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
2-input NAND Gate
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
2-input NAND gate
Rev. 06-30 May 2007
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com