Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2841B Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2841B Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS2841B Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
former saturation in some power supplies, the internal
oscillator waveform provides the maximum duty cycle
clamp as programmed by the selection of OSC compo-
nents.
Setting the Oscillator
Oscillator timing capacitor, CT, is charged by VREF through
RT and discharged by an internal current source. During
the discharge time, the internal clock signal blanks out the
output to the Low state, thus providing a user selected
maximum duty cycle clamp. Charge and discharge times
are determined by the general formulas:
tc = RTCT ln
td = RTCT ln
Substituting in typical values for the parameters in the
above formulas:
VREF = 5.0V, Vupper = 2.7V, Vlower = 1.0V, Id = 8.3mA
tc ≈ 0.5534RTCT
td = RTCT ln
The frequency and maximum duty cycle can be deter-
mined from the Typical Performance Characteristic
graphs.
Grounding
High peak currents associated with capacitive loads neces-
sitate careful grounding techniques. Timing and bypass
capacitors should be connected close to Gnd pin in a sin-
gle point ground.
The transistor and 5kΩ potentiometer are used to sample
the oscillator waveform and apply an adjustable ramp
to Sense.
)
2.3 - 0.0083 RT
4.0 - 0.0083 RT
(
)
VREF - IdRT - Vlower
VREF - IdRT - Vupper
(
)
VREF - Vlower
VREF - Vupper
(
VREF
OSC
Gnd
RT
CT
Circuit Description: continued
VOSC
Internal Clock
LARGE RT (≈10kΩ)
VOSC
Internal Clock
SMALL RT (≈700kΩ)
Sawtooth Mode
Triangular Mode
Vupper
Vlower
tc
td
VCC
IO
VO
Switch
Current
EA Output
OSC
OSC
RESET
Figure 2: Timing Diagram for key CS2841B parameters
Figure 3: Oscillator Timing Network and parameters
Timing parameters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com