Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32FLZ-SM1-R-TB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 32FLZ-SM1-R-TB
Description  Connectors for FFC and FPC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32FLZ-SM1-R-TB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  32FLZ-SM1-R-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
494
Connector <Inner-lock type> ––––––––––––––––––––––––––––––––––––––––––––––––
5.1(.201)
5.1(.201)
B
A
3.6(.142)
0.5(.020)
0.7
(.028)
HJST
0.7
(.028)
B
A
3.6(.142)
0.5(.020)
Cir-
cuits
Model No.
Normal type
Reverse type
Dimensions mm(in.)
AB
Q'ty /
reel
Material and Finish
13
30
32
34
36
40
42
45
50
–
30FLZ-SM1-R-TB
32FLZ-SM1-R-TB
34FLZ-SM1-R-TB
36FLZ-SM1-R-TB
40FLZ-SM1-R-TB
42FLZ-SM1-R-TB
45FLZ-SM1-R-TB
50FLZ-SM1-R-TB
13FLZ-RSM1-R-TB
–
32FLZ-RSM1-R-TB
34FLZ-RSM1-R-TB
36FLZ-RSM1-R-TB
40FLZ-RSM1-R-TB
–
–
–
6.0(.236)
14.5(.571)
15.5(.610)
16.5(.650)
17.5(.689)
19.5(.768)
20.5(.807)
22.0(.866)
24.5(.965)
13.1( .516)
21.6( .850)
22.6( .890)
23.6( .929)
24.6( .969)
26.6(1.047)
27.6(1.087)
29.1(1.146)
31.6(1.244)
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
Contact: Phosphor bronze, tin/lead-plated
Slider housing: Nylon 46, UL94V-0 (black)
Receptacle housing: Nylon 46, UL94V-0
( )FLZ-SM1-R-TB, gray
( )FLZ-RSM1-R-TB, natural
Solder tab: Phosphor bronze, tin/lead-plated
Normal type
Reverse type
FLZ CONNECTOR
Note: 1. The products listed above are supplied on embossed tape.
2. 45FLZ-SM1-R-TB and 50FLZ-SM1-R-TB are not CSA approved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com