Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC2G125L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC2G125L-P08-R
Description  DUAL BUFFER/LINE DRIVER; 3-STATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G125L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC2G125L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74HC2G125L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74HC2G125L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74HC2G125L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74HC2G125L-P08-R Datasheet HTML 5Page - Unisonic Technologies U74HC2G125L-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC2G125
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A58.A
DUAL BUFFER/LINE DRIVER;
3-STATE
DESCRIPTION
The U74HC2G125 is a high speed, Si-gate CMOS device.
The U74HC2G125 provides two non-inverting buffer/line
drivers with 3-state output. The 3-state output is controlled by the
output enable input (pin nOE ). A HIGH level at pin nOE causes
the output to assume a high-impedance OFF-state.
TSSOP-8
FEATURES
* Wide supply voltage range from 2.0V to 6.0V
* Symmetrical output impedance
* High noise immunity
* Low power consumption
* Balanced propagation delays
* Multiple package options
* Specified from -40 °C to +125 °C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC2G125L-P08-T
U74HC2G125G-P08-T
TSSOP-8
Tube
U74HC2G125L-P08-R
U74HC2G125G-P08-R
TSSOP-8
Tape Reel


Similar Part No. - U74HC2G125L-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC2G125L-P08-R UTC-U74HC2G125L-P08-R Datasheet
218Kb / 6P
DUAL BUFFER/LINE DRIVER 3-STATE
More results

Similar Description - U74HC2G125L-P08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
Dual buffer/line driver; 3-state
2003 Mar 03
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
DUAL BUFFER/LINE DRIVER; 3-STATE
logo
NXP Semiconductors
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com