Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS209AYDR14 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS209AYDR14
Description  Proximity Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS209AYDR14 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS209AYDR14 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS209AYDR14 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS209AYDR14 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS209AYDR14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS209AYDR14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS209AYDR14 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Rev. 3/11/99
Part Number
Description
CS209AYN8
8 L PDIP
CS209AYD8
8L SO Narrow
CS209AYDR8
8L SO Narrow (tape & reel)
CS209AYD14
14L SO Narrow
CS209AYDR14
14L SO Narrow (tape & reel)
Ordering Information
Thermal Data
8L PDIP
8L SO
14L SO
RQJC
typ
52
45
30
¡C/W
RQJA
typ
100
165
125
¡C/W
D
Lead Count
Metric
English
Max
Min
Max
Min
8L PDIP
10.16
9.02
.400
.355
8L SO
5.00
4.80
.197
.189
14L SO
8.75
8.55
.344
.337
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com