Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2842A Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS2842A
Description  Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2842A Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS2842A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2842A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2842A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2842A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2842A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2842A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: -25° ≤ TA ≤ 85˚C for CS2842A/2843A, 0° ≤ TA ≤ 70˚C for CS3842A/3843A. VCC = 15V (Note 1);
RT = 680Ω, CT = .022µF for triangular mode, RT = 10kΩ, CT = 3.3nF for sawtooth mode (see Figure 3), unless otherwise stated.
CS2842A/CS2843A
CS3842A/CS3843A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX UNITS
s
Reference Section
Output Voltage
TJ = 25˚C, IOUT = 1mA
4.95
5.00
5.05
4.90
5.00
5.10 V
Line Regulation
12 ≤ VIN ≤ 25V
6
20
6
20
mV
Load Regulation
1 ≤ IOUT ≤ 20mA
6
25
6
25
mV
Temperature Stability
(Note 2)
0.2
0.4
0.2
0.4
mV/˚C
Total Output Variation
Line, Load, Temp. (Note 2)
4.90
5.10
4.82
5.18 V
Output Noise Voltage
10Hz ≤ f ≤ 10kHz, TJ = 25˚C (Note 2)
50
50
µV
Long Term Stability
TA = 125˚C, 1kHrs. (Note 2)
5
25
5
25
mV
Output Short Circuit
TA = 25˚C
-30
-100
-180
-30
-100
-180 mA
s
Oscillator Section
Initial Accuracy
Sawtooth Mode (see Fig. 3), TJ = 25˚C 475257475257
kHz
Triangular Mode (see Fig. 3), TJ = 25˚C 475257445260
kHz
Voltage Stability
12 ≤ VCC ≤ 25V
0.2
1.0
0.2
1.0
%
Temp. Stability
Sawtooth Mode TMIN ≤ TA ≤ TMAX
(Note 2)
5
5
%
Triangular Mode TMIN ≤ TA ≤ TMAX
(Note 2)
8
8
%
Amplitude
OSC peak to peak
1.7
1.7
V
Discharge Current
TJ = 25˚C
7.5
8.3
9.3
7.5
8.3
9.3
mA
TMIN ≤ TA ≤ TMAX
7.2
9.5
7.2
9.5
mA
s
Error Amp Section
Input Voltage
VCOMP = 2.5V
2.45
2.50
2.55
2.42
2.50
2.58 V
Input Bias Current
VFB = 0
-0.3
-1.0
-0.3
-2.0 µA
AVOL
2 ≤ VOUT ≤ 4V
65
90
65
90
dB
Unity Gain Bandwidth
(Note 2)
0.7
1.0
0.7
1.0
MHz
PSRR
12 ≤ VCC ≤ 25V
60
70
60
70
dB
Output Sink Current
VFB = 2.7V, VCOMP = 1.1V
2
6
2
6
mA
Output Source Current
VFB = 2.3V, VCOMP = 5V
-0.5
-0.8
-0.5
-0.8
mA
VOUT High
VFB = 2.3V, RL = 15kΩ to ground
5
6
5
6
V
VOUT Low
VFB = 2.7V, RL = 15kΩ to VREF
0.7
1.1
0.7
1.1
V
s
Current Sense Section
Gain
(Notes 3 & 4)
2.85
3.00
3.15
2.85
3.00
3.15 V/V
Maximum Input Signal
VCOMP = 5V (Note 3)
0.9
1.0
1.1
0.9
1.0
1.1
V
PSRR
12 ≤ VCC ≤ 25V (Note 3)
70
70
dB
Input Bias Current
VSense = 0
-2
-10
-2
-10
µA
Delay to Output
TJ = 25˚C (Note 2)
150
300
150
300
ns
s
Output Section
Output Low Level
ISINK = 20mA
0.1
0.4
0.1
0.4
V
ISINK = 200mA
1.5
2.2
1.5
2.2
V
Output High Level
ISOURCE = 20mA
13.0
13.5
13.0
13.5
V
ISOURCE = 200mA
12.0
13.5
12.0
13.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com