Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC04G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC04G-S14-R
Description  HEX INVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC04G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC04G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC04G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC04G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC04G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC04G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74HC04G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC04
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-919, A
HEX INVERTERS
DESCRIPTION
The U74HC04 devices contain six independent inverters.
They perform the Boolean function
A
Y
=
in positive logic.
FEATURES
* Wide Operating Voltage Range of 2V to 6V
* Outputs Can Drive Up To 10 LSTTL Loads
* Low Power Consumption, 2μA Max ICC
* Typical tpd=8ns
* ±4mA Output Drive at 5V
* Low Input Current of 1uA Max
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC04L-S14-R
U74HC04G-S14-R
SOP-14
Tape Reel
U74HC04L-S14-T
U74HC04G-S14-T
SOP-14
Tube
U74HC04L-P14-R
U74HC04G-P14-R
TSSOP-14
Tape Reel
U74HC04L-P14-T
U74HC04G-P14-T
TSSOP-14
Tube


Similar Part No. - U74HC04G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC04G-S14-R UTC-U74HC04G-S14-R Datasheet
227Kb / 6P
HEX INVERTERS
More results

Similar Description - U74HC04G-S14-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com