Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC07L-P14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74HC07L-P14-R
Description  HEX BUFFER (OPEN DRAIN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC07L-P14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74HC07L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HC07L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HC07L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HC07L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HC07L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74HC07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-A47.A
PIN CONFIGURATION
PIN CONFIGURATION
PIN No
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11, 13
1A to 6A
Data Inputs
2, 4, 6, 8, 10, 12
1Y to 6Y
Data Outputs
7
GND
Ground(0V)
14
VCC
Positive Supply Voltage
FUNCTION TABLE
A
Y
L
L
H
Z
Z: High Impedance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com