Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS290 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS290
Description  Ignition Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS290 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS290 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS290 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS290 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS290 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Rev. 3/8/99
© 1999 Cherry Semiconductor Corporation
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
D
Lead Count
Metric
English
Max
Min
Max
Min
14L PDIP
19.69
18.67
.775
.735
16L SO Wide
10.50
10.10
.413
.398
PACKAGE THERMAL DATA
Thermal Data
14 Lead
16 Lead
PDIP
SO Wide
RΘJC
typ
48
23
˚C/W
RΘJA
typ
85
105
˚C/W
Ordering Information
Part Number
Description
CS290N14
14L PDIP
CS291N14
14L PDIP
CS290DW16
16 Lead SO Wide
CS290DWR16
16 Lead SO Wide (tape & reel)
CS291DW16
16 Lead SO Wide
CS291DWR16
16 Lead SO Wide (tape & reel)
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com