Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162J36 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 162J36
Description  LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

162J36 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  162J36 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 162J36 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
- Both series operate on 50/60 Hz current.
- Low profile, split bobbin design.
- Dual winding secondaries, non-concentrically wound.
- Units are designed so that all windings must be used.
- Low primary to secondary coupling - no electro static
shield required.
- One year warranty.
- High insulation - Hipot of 2,500V RMS.
- Class B insulation - 130 degrees C.
- No mounting hardware required on 1.1 and 2.4 VA sizes.
Two hole mounting on 6, 12 and 20V sizes. Four hole
mounting on 36VA size (mounting screws not provided).
- P.C. board mount with industry standard pin spacing.
- c UL us recognized.
- For more information on this series, go to:
http://www.hammondmfg.com/162.htm
Single Primary - 164 Series
Dual Primary - 162 Series
www.hammondmfg.com
LOW VOLTAGE P.C. BOARD MOUNT LOW
PROFILE
162/164 SERIES
Aug 2008
4
1
8
7
6
5
PRI
SEC
4
2
3
1
8
7
6
5
PRI
SEC
Part No.
Single Pri.
115V
Part No.
Dual Pri.
115/230V
Size
VA
Secondary (RMS)
Series
Parallel
164D10
162D10
1.1 10V C.T. @ .11A
5V @ .22A
164E10
162E10
2.4 10V C.T. @ .25A
5V @ .5A
164F10
162F10
6
10V C.T. @ .6A
5V @ 1.2A
164G10
162G10
12
10V C.T. @ 1.2A
5V @ 2.4A
164H10
162H10
20
10V C.T. @ 2A
5V @ 4A
164J10
162J10
36
10V C.T. @ 3.6A
5V @ 7.2A
164D12
162D12
1.1 12.6V C.T. @ .09A 6.3V @ .18A
164E12
162E12
2.4 12.6V C.T. @ .2A
6.3V @ .4A
164F12
162F12
6
12.6V C.T. @ .5A
6.3V @ 1A
164G12
162G12
12
12.6V C.T. @ 1A
6.3V @ 2A
164H12
162H12
20
12.6V C.T. @ 1.6A 6.3V @ 3.2A
164J12
162J12
36
12.6V C.T. @ 2.85A 6.3V @ 5.7A
164D16
162D16
1.1 16V C.T. @ .07A
8V @ .14A
164E16
162E16
2.4 16V C.T. @ .15A
8V @ .3A
164F16
162F16
6
16V C.T. @ .4A
8V @ .8A
164G16
162G16
12
16V C.T. @ .8A
8V @ 1.6A
164H16
162H16
20
16V C.T. @ 1.25A
8V @ 2.5A
164J16
162J16
36
16V C.T. @ 2.25A
8V @ 4.5A
164D20
162D20
1.1 20V C.T. @ .055A
10V @ .11A
164E20
162E20
2.4 20V C.T. @ .12A
10V @ .24A
164F20
162F20
6
20V C.T. @ .3A
10V @ .6A
164G20
162G20
12
20V C.T. @ .6A
10V @ 1.2A
164H20
162H20
20
20V C.T. @ 1A
10V @ 2A
164J20
162J20
36
20V C.T. @ 1.8A
10V @ 3.6A
164D24
162D24
1.1 24V C.T. @ .045A
12V @ .09A
164E24
162E24
2.4 24V C.T. @ .1A
12V @ .2A
164F24
162F24
6
24V C.T. @ .25A
12V @ .5A
164G24
162G24
12
24V C.T. @ .5A
12V @ 1A
164H24
162H24
20
24V C.T. @ .8A
12V @ 1.6A
164J24
162J24
36
24V C.T. @ 1.5A
12V @ 3A
164D28
162D28
1.1 28V C.T. @ .04A
14V @ .08A
164E28
162E28
2.4 28V C.T. @ .085A
14V @ .17A
164F28
162F28
6
28V C.T. @ .2A
14V @ .4A
164G28
162G28
12
28V C.T. @ .42A
14V @ .84A
164H28
162H28
20
28V C.T. @ .7A
14V @ 1.4A
164J28
162J28
36
28V C.T. @ 1.3A
14V @ 2.6A
164D36
162D36
1.1 36V C.T. @ .03A
18V @ .06A
164E36
162E36
2.4 36V C.T. @ .065A
18V @ .13A
164F36
162F36
6
36V C.T. @ .17A
18V @ .34A
164G36
162G36
12
36V C.T. @ .35A
18V @ .7A
164H36
162H36
20
36V C.T. @ .55A
18V @ 1.1A
164J36
162J36
36
36V C.T. @ 1A
18V @ 2A
164D48
162D48
1.1 48V C.T. @ .023A
24V @ .046A
164E48
162E48
2.4 48V C.T. @ .05A
24V @ .1A
164F48
162F48
6
48V C.T. @ .125A
24V @ .25A
164G48
162G48
12
48V C.T. @ .25A
24V @ .5A
164H48
162H48
20
48V C.T. @ .4A
24V @ .8A
164J48
162J48
36
48V C.T. @ .75A
24V @ 1.5A
164D56
162D56
1.1 56V C.T. @ .02A
28V @ .04A
164E56
162E56
2.4 56V C.T. @ .045A
28V @ .09A
164F56
162F56
6
56V C.T. @ .11A
28V @ .22A
164G56
162G56
12
56V C.T. @ .22A
28V @ .44A
164H56
162H56
20
56V C.T. @ .35A
28V @ .7A
164J56
162J56
36
56V C.T. @ .65A
28V @ 1.3A
164D120
162D120
1.1 120V C.T. @ .01A
60V @ .02A
164E120
162E120
2.4 120V C.T. @ .02A
60V @ .04A
164F120
162F120
6
120V C.T. @ .05A
60V @ .1A
164G120
162G120
12
120V C.T. @ .1A
60V @ .2A
164H120
162H120
20
120V C.T. @ .16A
60V @ .32A
164J120
162J120
36
120V C.T. @ .3A
60V @ .6A


Similar Part No. - 162J36

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
162J11839X CONEC-162J11839X Datasheet
40Kb / 1P
SOCKET CONTACT CRIMP AWG 24-20 (small reel wheeled left)
08.04.2014
162J11869X CONEC-162J11869X Datasheet
55Kb / 1P
SOCKET CONTACT CRIMP AWG 28-24 (big reel wheeled right)
16.04.2015
logo
List of Unclassifed Man...
162JE ETC2-162JE Datasheet
124Kb / 1P
Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
More results

Similar Description - 162J36

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
145J HAMMOND-145J Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
227T HAMMOND-227T Datasheet
278Kb / 1P
Low Voltage - P.C. Board Mount (226-228 Series)
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
Low Voltage - P.C. Board Mount (183 Series)
183G16 HAMMOND-183G16 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183G10 HAMMOND-183G10 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183E36 HAMMOND-183E36 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183E10 HAMMOND-183E10 Datasheet
294Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183K20 HAMMOND-183K20 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183J12 HAMMOND-183J12 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183H10 HAMMOND-183H10 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com