Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3341 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS3341
Description  Alternator Voltage Regulator Darlington Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3341 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS3341 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3341 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3341 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3341 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3341 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3341 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
Device
Driver
Gnd
Sense
VCC
OSC
IGN
ENABLE
Series
Regulator
VSUP
LAMP
VREG
Lamp
Indicator
OSC
VHV
+
–
RS Flop
Set
Dominate
S
R
Q
R
ENABLE
STATOR
Power Up
STATOR
Timer
VSUP
Load Dump
Detection and
Protection
Note:
CS-3341/CS-387 Disconnected
CS-3351/CS-386 Connected
+
–
DELAY
SC
STATOR
+
–
VSUP
s
Drives NPN Darlington
s
Short Circuit Protection
s
80V Load Dump
s
Temperature Compensated
Regulation Voltage
s
Shorted Field Protection
Duty Cycle, Self Clearing
Package Options
Alternator Voltage Regulator
Darlington Driver
CS3341/51
CS386/387
Description
The CS3341/3351/386/387 integral
alternator regulator integrated cir-
cuit provides the voltage regulation
for automotive, 3-phase alternators.
It drives an external power
Darlington for control of the alter-
nator field current. In the event of a
charge fault, a lamp output pin is
provided to drive an external dar-
lington transistor capable of switch-
ing on a fault indicator lamp. An
overvoltage or no STATOR signal
condition activates the lamp output.
The CS3341 and CS3351 are avail-
able in SO14 packages. The CS386
and CS387 are available as Flip Chips.
Block Diagram
Absolute Maximum Ratings
Storage Temperature Range .....................................................-55°C to +165°C
Junction Temperature Range ....................................................-40°C to +150°C
Continuous Supply..........................................................................................27V
ICC Load Dump .........................................................................................400 mA
Lead Temperature Soldering
Reflow (SMD styles only)............60 sec. max above 183°C, 230°C peak
1
DD
Gnd
NC
OSC
Lamp
NC
NC
SC
NC
VCC
Sense
IGN
STATOR
NC
14 Lead SO
Flip Chip
CS3341/51
CS386/387
A
Company
®
Rev. 4/15/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS3341

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3341 ONSEMI-CS3341 Datasheet
83Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3341YD14 ONSEMI-CS3341YD14 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3341YD14 ONSEMI-CS3341YD14 Datasheet
78Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3341YD14 ONSEMI-CS3341YD14 Datasheet
83Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results

Similar Description - CS3341

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
Alternator Voltage Regulator FET Driver
Rev. 1/29/99
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
logo
ON Semiconductor
CS3341 ONSEMI-CS3341_09 Datasheet
83Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com