Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3361 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS3361
Description  Alternator Voltage Regulator FET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3361 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS3361 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3361 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3361 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3361 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3361 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Application Information
The CS3361 is designed for use in an alternator charging
system.
In a standard alternator design (Figure 1), the rotor carries
the field winding. An alternator rotor usually has several N
and S poles. The magnetic field for the rotor is produced by
forcing current through a field or rotor winding. The Stator
windings are formed into a number of coils spaced around
a cylindrical core. The number of coils equals the number
of pairs of N and S poles on the rotor. The alternating cur-
rent in the Stator windings is rectified by the diodes and
applied to the regulator. By controlling the amount of field
current, the magnetic field strength is controlled and hence
the output voltage of the alternator.
Figure 1. IAR System Block Diagram
Referring to Figure 2, a typical application diagram, the
oscillator frequency is set by an external capacitor connect-
ed between OSC and ground. The sawtooth waveform
ramps between 1V and 3V and provides the timing for the
system. For the circuit shown the oscillator frequency is
approximately 140Hz. The alternator voltage is sensed at
Terminal A via the resistor divider network R1/R2 on the
Sense pin of the IC. The voltage at the sense pin determines
the duty cycle for the regulator. The voltage is adjusted by
potentiometer R2. A relatively low voltage on the sense pin
causes a long duty cycle that increases the Field current. A
high voltage results in a short duty cycle.
The ignition Terminal (I) switches power to the IC through
the VCC pin. The Stator pin monitors the voltage from the
stator and senses a stopped engine condition. It drives the
Lamp pin high after the stator timeout expires. The Lamp
pin also goes high when an overvoltage condition is detect-
ed on the sense pin. This causes the darlington lamp drive
transistor to switch on and pull current through the lamp.
If the system voltage continues to increase, the field and
lamp output turn off as in an overvoltage or load dump
condition.
The SC or Short Circuit pin monitors the field voltage. If
the drive output and the SC voltage are simultaneously
high for a predetermined period, a short circuit condition is
assumed and the output is disabled. The regulator is forced
to a minimum short circuit duty cycle.
BATTERY
Lamp
Indicator
IGNITION
SWITCH
Regulator
I
Gnd
FIELD
A
S
FIELD Winding
STATOR
Winding
Figure 2. Typical Application Diagram
R2
10kΩ
SC
Driver
Gnd
STATOR
Sense
VCC
OSC
IGN
20kΩ
C4
0.022µF
50kΩ
C3
.047µF
100kΩ
250Ω
C1
0.1µF
18kΩ
BATTERY
LAMP
2.4kΩ
10Ω
Power
Darlington
Lamp
Indicator
IGNITION
SWITCH
POWER
GROUND
Logic level N
channel
enhancement
power FET
FIELD
R5
R4
R3
R1
R6
R9
R7
R10
510Ω
STATOR
RECTIFIER
A
F
I
S
D1
Q1
*C2
10µF
*Note: C2 optional for reduced jitter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com