Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R86 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3S-R86
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R86 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3S-R86 Datasheet HTML 3Page - Omron Electronics LLC E3S-R86 Datasheet HTML 4Page - Omron Electronics LLC E3S-R86 Datasheet HTML 5Page - Omron Electronics LLC E3S-R86 Datasheet HTML 6Page - Omron Electronics LLC E3S-R86 Datasheet HTML 7Page - Omron Electronics LLC E3S-R86 Datasheet HTML 8Page - Omron Electronics LLC E3S-R86 Datasheet HTML 9Page - Omron Electronics LLC E3S-R86 Datasheet HTML 10Page - Omron Electronics LLC E3S-R86 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
E3S-R
10
Accessories (Order Separately)
Sensitivity Adjuster
Refer to E39-L/F39-L/E39-S/E39-R for details.
Reflectors
Refer to E39-L/F39-L/E39-S/E39-R for details.
Mounting Brackets
Refer to E39-L/F39-L/E39-S/E39-R for details.
Close Mounting Plates
Refer to E39-L/F39-L/E39-S/E39-R for details.
Sensor I/O Connectors
Refer to Introduction to Sensor I/O Connectors for details.
(66.6)
55
20
22.2
12
22
24.9
(32)
1.6
20.4
Emitter
Receiver
Two, M4 slotted hexagon
head bolts
Lens (10
× 15)
23
20
7.1
20
5
Iron
2.1R
Two, M4
25.4
2.1R
4.2
6.5
25.4
39
1.9
* The mounting bracket can be attached to this side.
5
11
13
7
13 dia.
4.2
(A)*
Sensitivity adjuster
Light indicator (red)
Stability indicator (green)
Optical
axis
Optical
axis
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.2 mm),
Standard length: 2 m
Horizontal Models with Metal Housing
E3S-RS30E4
E3S-R1E4
Mounting Holes
With Mounting Bracket Attached
20
20
5
Iron
2.1R
2.1R
4.2
6.5
25.4
39
1.9
5
4.2
(74.6)
Emitter 7.1
Receiver
Lens (10
× 15)
21.5
18.6
63
11
13
7
13 dia.
22.2
20
10.2
20.4
23
(32)
Two, M4 slotted hexagon
head bolts
1.6
12
* The mounting bracket can be attached to this side.
(A)*
Sensitivity adjuster
Two, M4
25.4
Light indicator (red)
Stability indicator (green)
Optical axis
Optical
axis
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2,
Insulator diameter: 1.2 mm),
Standard length: 2 m
Mounting Holes
With Mounting Bracket Attachment
Vertical Models with Metal Housing
E3S-RS30E42
E3S-R1E42



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com