Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC123L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC123L-S16-R
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH RESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC123L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC123L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC123L-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
U74HC123
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-A10.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7
V
VCC or GND Current
ICC
±50
mA
Output Current
IOUT
±25
mA
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
2
5
6
V
High-level Input Voltage
VIH
VCC=2V
1.5
1.2
V
VCC=4.5V
3.15
2.4
VCC=6V
4.2
3.2
Low-level Input Voltage
VIL
VCC=2V
0.8
0.5
V
VCC=4.5V
2.1
1.35
VCC=6V
2.8
1.8
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise and Fall Rate
D
nR
Input
△
t/△V
VCC=2V
1000
ns
VCC=4.5V
500
VCC=6V
400
Ambient Temperature
Tamb
-40
+25
+125
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Output Voltage High-Level
VOH
VCC=2V, IOH=-20μA
1.9
2
V
VCC=4.5V, IOH=-20μA
4.4
4.5
VCC=6V, IOH=-20μA
5.9
6
VCC=4.5V, IOH=-4mA
3.98
4.32
VCC=6V, IOH=-5.2mA
5.48
5.81
Output Voltage Low-Level
VOL
VCC=2V, IOL=20μA
0
0.1
V
VCC=4.5V, IOL=20μA
0
0.1
VCC=6V, IOL=20μA
0
0.1
VCC=4.5V, IOL=4mA
0.15 0.26
VCC=6V, IOL=5.2mA
0.16 0.26
Input Leakage Current
II(LEAK)
VCC=6V, VIN= VCC or GND
±0.1
μA
Quiescent Supply Current
ICC
VCC=6V, VIN=VCC or GND, IOUT=0
8
μA
Input Capacitance
CI
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com