Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS386H Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS386H
Description  Alternator Voltage Regulator Darlington Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS386H Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS386H Datasheet HTML 1Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: CS3341/51: -40°C < TA < 125°C; -40°C < TJ < 150°C, 9V ≤ VCC ≤ 17V;
unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
Supply
Supply Current Enabled
–
12
25
mA
Supply Current Disabled
–
50
µA
s
Driver Stage
Device Driver
–
–
–
Output High Current
VDD = 1.2V
-10
-6
-4
mA
Output Low Voltage
IOL = 25µA
–
0.35
V
Minimum ON Time
200
µs
Minimum Duty Cycle
–
6
10
%
Short Circuit Duty Cycle
1
5
%
Field Switch Turn On
Rise Time
30
90
µs
Fall Time
30
90
µs
s
Stator
Input High Voltage
10
V
Input Low Voltage
–
6
V
Stator Time Out
High to Low
6
100
600
ms
Stator Power-Up Input High
CS3351/386 only
10
–
V
Stator Power-Up Input Low
CS3351/386 only
–
6
V
s
Lamp
Output High Current
VLAMP @ 3V
–
50
µA
Output Low Voltage
ILAMP @ 30mA
–
0.35
V
s
Ignition
Input High Voltage
ICC > 1mA
1.8
–
V
Input Low Voltage
ICC < 100µA
–
0.5
V
s
Oscillator
Oscillator Frequency
COSC = 0.22µF
65
325
Hz
Rise Time/Fall Time
COSC = 0.22µF
17
–
–
Oscillator High Threshold
COSC = 0.22µF
–
6
V
s
Battery Sense
Input Current
-10
+10
µA
Regulation Voltage
@25°C, R1 = 100kΩ, R2 = 50kΩ
13.5
16.0
V
Proportional Control
0.050
0.400
V
High Voltage
VHigh Voltage @ Lamp On
1.083
1.190
Threshold Ratio
VRegulation @ 50% Duty Cycle
High Voltage Hysteresis
0.020
0.600
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com